Part Number Hot Search : 
LSP2908 SRA2203K 51021 XXSX3 8N06LT SMCJ100A PA2005NL 10504
Product Description
Full Text Search
 

To Download 2SD2064 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2064
Silicon NPN triple diffusion planar type
For high power amplification Complementary to 2SB1371
Unit: mm
q
q q q q
16.20.5 12.5 3.5 Solder Dip
Satisfactory foward current transfer ratio hFE vs. collector current IC characteristics Wide area of safe operation (ASO) High transition frequency fT Optimum for the output stage of a HiFi audio amplifier Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings 120 120 5 10 6 70 3 150 -55 to +150 Unit V V V A A W C C
0.7
s Features
15.00.3 11.00.2
5.00.2 3.2
21.00.5 15.00.2
3.20.1
2.00.2 2.00.1 1.10.1 5.450.3 10.90.5 1 2 3 0.60.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
1:Base 2:Collector 3:Emitter TOP-3 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current
(TC=25C)
Symbol ICBO IEBO hFE1 hFE2* hFE3 VBE VCE(sat) fT Cob Conditions VCB = 120V, IE = 0 VEB = 3V, IC = 0 VCE = 5V, IC = 20mA VCE = 5V, IC = 1A VCE = 5V, IC = 4A VCE = 5V, IC = 4A IC = 4A, IB = 0.4A VCE = 5V, IC = 0.5A, f = 1MHz VCB = 10V, IE = 0, f = 1MHz 20 80 20 60 20 1.8 2.0 V V MHz pF 200 min typ max 50 50 Unit A A
Forward current transfer ratio
Base to emitter voltage Collector to emitter saturation voltage Transition frequency Collector output capacitance
*h
FE2
Rank classification
Q 60 to 120 S 80 to 160 P 100 to 200
Rank hFE2
1
Power Transistors
PC -- Ta
80
2SD2064
IC -- VCE
12 TC=25C 10 10 12 VCE=5V
IC -- VBE
Collector power dissipation PC (W)
70 60 50 40 30 20 10
(1)
Collector current IC (A)
Collector current IC (A)
(1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=3W)
IB=500mA 400mA 300mA 200mA
TC=-25C 8
25C 100C
8
6
150mA 100mA
6
4 50mA 2 10mA
4
(2)
2
(3) 0 0 20 40 60 80 100 120 140 160 0 0 2 4 6 8 10 12 0 0 1 2 3 4
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=10 30 10 3 1 0.3 -25C 0.1 0.03 0.01 0.01 0.03 TC=100C 25C 1000
hFE -- IC
VCE=5V 1000
fT -- IC
VCE=5V f=1MHz TC=25C
Forward current transfer ratio hFE
300
Transition frequency fT (MHz)
1 3 10
TC=100C -25C 25C
300
100
100
30
30
10
10
3
3
0.1
0.3
1
3
10
1 0.01 0.03
0.1
0.3
1 0.01 0.03
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
1000
Area of safe operation (ASO)
100 IE=0 f=1MHz TC=25C 30 Non repetitive pulse TC=25C ICP IC 100ms 1 DC 0.3 0.1 0.03
Collector output capacitance Cob (pF)
300
Collector current IC (A)
10 3
100
t=10ms
30
10
3
1 1 3 10 30 100
0.01 1 3 10 30 100 300 1000
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) PT=10V x 0.3A (3W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink
2SD2064
Thermal resistance Rth(t) (C/W)
1000
100 (1) 10 (2)
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SD2064

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X